Part Number Hot Search : 
K100M UF804 DSPIC33F MA4ST240 K2475 5962F9 1N5256 MICONDUC
Product Description
Full Text Search
 

To Download ZPD56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPD2.7 - ZPD75
VZ : 2.7 to 75V PD : 500mW
FEATURES :
* Silicon planar zener diodes. * Standard zener voltage tolerance is 5%. * Other tolerances are available upon request. * These diodes are also available in MiniMELF case with the type designation ZMM2.7 ... ZMM75. * Pb / RoHS Free
ZENER DIODES
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
0.020 (0.52)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Power Dissipation Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range PD RJA TJ TS 500(1) 300
(2)
Symbol
Value
Unit
mW C/W C C
175 -65 to + 175
Note: (1) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature. (2) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Page 1 of 2
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Zener Voltage Type VZ @ IZT Nom1) (V)
ZPD2.7 ZPD3.0 ZPD3.3 ZPD3.6 ZPD3.9 ZPD4.3 ZPD4.7 ZPD5.1 ZPD5.6 ZPD6.2 ZPD6.8 ZPD7.5 ZPD8.2 ZPD9.1 ZPD10 ZPD11 ZPD12 ZPD13 ZPD15 ZPD16 ZPD18 ZPD20 ZPD22 ZPD24 ZPD27 ZPD30 ZPD33 ZPD36 ZPD39 ZPD43 ZPD47 ZPD51 ZPD56 ZPD62 ZPD68 ZPD75 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
Dynamic Resistance at IZ=5mA f = 1 kHz rzj ()
6.5 (< 8) 75 (< 83) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 70 (< 78) 30 (< 60) 10 (< 40) 4.8 (< 10) 4.5 (< 8) 4 (< 7) 4.5 (< 7) 4.8 (< 10) 5.2 (< 15) 6 (< 20) 7 (< 20) 9 (< 25) 11 (< 30) 13 (< 40) 18 (< 50) 20 (< 50) 25 (< 55) 28 (< 80) 30 (< 80) 35 (< 80) 40 (< 80) 40 (< 90) 50 (< 90) 60 (< 100) 70 (< 100) 70 (< 100) < 135(3) < 150 < 200
(3) (3)
Reverse Voltage at IR = 100 nA VR (V)
> 0.8 >1 >2 >3 >5 >6 >7 > 7.5 > 8.5 >9 > 10 > 11 > 12 > 14 > 15 > 17 > 18 > 20 > 22.5 > 25 > 27 > 29 > 32 > 35 > 38 > 42 > 47 > 51 > 55
Temp. coefficient vz(10-4 / C) min. max.
-9 -9 -8 -8 -7 -6 -5 -3 -2 -1 +2 +3 +4 +5 +5 +5 +6 +7 +7 +8 +8 +8 +8 +8 +8 +8 +8 +8 +10 +10 +10 +10 +10 (typ.) + 10 (typ.) + 10 (typ.) + 10 (typ.) -4 -3 -3 -3 -3 -1 +2 +4 +6 +7 +7 +7 +7 +8 +8 +9 +9 +9 +9 +9.5 +9.5 +10 +10 +10 +10 +10 +10 +10 +12 +12 +12 +12
Admissible IZ (mA)
160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.1 6.4 5.8 5.3
at IZ=1mA f = 1 kHz rzj ()
< 500 < 500 < 500 < 500 < 500 < 500 < 500 < 480 < 400 < 200 < 150 < 50 < 50 < 50 < 70 < 70 < 90 < 110 < 110 < 170 < 170 < 220 < 220 < 220 < 250 < 250 < 250 < 250 < 300 < 700 < 750 < 750 < 1000(4) < 1000 < 1000
(4) (4)
of Zener Voltage at IZT Zener Current
IZT (mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5
< 250(3)
<1500(4)
Notes : 1) Tested with pulses tp = 5 ms 2) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature 3) at IZ = 2.5mA 4) at IZ = 0.5mA 5) The type number listed have a standard tolerance on the nominal zener voltage of 5.0%.
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of ZPD56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X